PART |
Description |
Maker |
HL9-100KWTQ HL9-101KWTQ HL9-102KWTQ HL9-1R0KWTQ HL |
1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR HIGH CURRENT POWER CHOKES 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR
|
RCD COMPONENTS INC.
|
FMBM5401 FMBM5401SB74001 |
NPN General Purpose Amplifier PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
MPS3703 |
PNP General Purpose Amplifier 800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BC369 BC369D27Z BC369D74Z |
PNP General Purpose Amplifier 1500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
2N3906J18Z 2N3906TA |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC847BPDW1T1 BC846BPDW1T1 |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) Dual General Purpose Amplifier Transistors (NPN PNP)(-65V通用型双放大器晶体管(NPN PNP,SOT-363封装))
|
ON Semiconductor
|
2N3905TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
A1015 |
PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
|
Toshiba Semiconductor
|
PN424901 PN4249D26Z PN4249D74Z PN4249D75Z |
PNP General Purpose Amplifier
|
Fairchild Semiconductor
|
MPS6523 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
MMBT4126 2N4126 2N4126_01 |
PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
|